Part Number Hot Search : 
2N6990 06000 00GA1 HT7730A FM4933L E3503S 203306B DZ11B
Product Description
Full Text Search
 

To Download EEVEB2V220SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors (smd type) a0.2 w ( ) reference size 0 d0.5 h b0.2 (i) k (p) (i) l + ? 0.3 max. pressure relief capacitance (f) rated voltage code series identi?cation lot number negative polarity marking (?) 10 eb 2c frequency correction factor for ripple current endurance : 105 c 3000 h to 5000 h rohs compliant features specifi cations surface mount type series : eb (large can size) type : v example : 160 v.dc 10 f marking color : black dimensions marking category temperature range ?25 c to +105 c rated voltage range 160 v.dc to 450 v.dc capacitance range 2.2 f to 100 f capacitance tolerance 20 % (120 hz/+20 c) leakage cur rent i < 0.06 cv +10 (a) after 2 minutes dissipation factor (tan d ) please see the attached characteristics list characteristics at low temperature v.dc 160 200 250 350 400 450 (impedance ratio at 120 hz) z(?25 c) / z(+20 c) 223566 endurance after the life test with dc rated working voltage at +105 c2 c for 5000 hours, the capacitors shall meet the limits speci? ed below. (size code g13 : 3000 hours, g17 : 4000 hours) capacitance change within 20 % of the initial value tan d < 200 % of the initial limit dc leakage current within the initial limit shelf life after storage for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci? ed in endurance. (with voltage treatment) resistance to soldering heat after re? ow soldering and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change within 10 % of the initial value tan d within the initial limit dc leakage current within the initial limit frequency (hz) rated voltage (v.dc) 120 1 k 10 k < f < 30 k 30 k < f < 100 k 160 to 250 0.55 0.85 0.90 1.00 350 to 450 0.50 0.80 0.90 1.00 size code 0 d la,bh iwp k g13 10.0 13.50.5 10.3 12.0 max. 3.5 0.90.2 4.6 0.700.20 g17 10.0 16.50.5 10.3 12.0 max. 3.5 0.90.2 4.6 0.700.20 h16 12.5 16.50.5 13.5 15.0 max. 4.7 0.90.2 4.4 0.700.30 j16 16.0 16.50.5 17.0 19.0 max. 5.5 1.20.3 6.7 0.700.30 j21 16.0 21.50.5 17.0 19.0 max. 5.5 1.20.3 6.7 0.700.30 k16 18.0 16.50.5 19.0 21.0 max. 6.7 1.20.3 6.7 0.700.30 k21 18.0 21.50.5 19.0 21.0 max. 6.7 1.20.3 6.7 0.700.30 r. voltage (v.dc) 160 200 250 350 400 450 code 2c 2d 2e 2v 2g 2w (unit : mm) mar. 2016 02
design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors (smd type) endurance : 105 c 5000 h (g13 : 3000 h, g17 : 4000 h) please refer to the page of ?re? ow pro? le? and ?the taping dimensions?. when requesting vibration-proof product, please put the last ?v? instead to ?q or m? characteristics list rated voltage (v.dc) cap. (20 %) (f) case size (mm) size code speci? cation part no. re? ow min. packaging q'ty 0 d l ripple current (100 khz) (+105 c) (ma r.m.s.) tan d (120 hz) (+20 c) en durance (hours) taping 160 10 10 13.5 g13 70 0.15 3000 eeveb2c100q (4) 250 33 12.5 16.5 h16 470 0.15 5000 eeveb2c330sq (4) 150 47 16 16.5 j16 600 0.15 5000 eeveb2c470sm (4) 125 68 16 21.5 j21 750 0.15 5000 eeveb2c680m (4) 75 18 16.5 k16 750 0.15 5000 eeveb2c680sm (4) 125 100 18 21.5 k21 1060 0.15 5000 eeveb2c101m (4) 75 200 10 10 16.5 g17 80 0.15 4000 eeveb2d100q (4) 200 22 12.5 16.5 h16 470 0.15 5000 eeveb2d220sq (4) 150 33 16 16.5 j16 600 0.15 5000 eeveb2d330sm (4) 125 47 18 16.5 k16 600 0.15 5000 eeveb2d470sm (4) 125 68 16 21.5 j21 750 0.15 5000 eeveb2d680m (4) 75 100 18 21.5 k21 1060 0.15 5000 eeveb2d101m (4) 75 250 10 10 16.5 g17 88 0.15 4000 eeveb2e100q (4) 200 22 16 16.5 j16 560 0.15 5000 eeveb2e220sm (4) 125 33 18 16.5 k16 560 0.15 5000 eeveb2e330sm (4) 125 47 16 21.5 j21 710 0.15 5000 eeveb2e470m (4) 75 68 18 21.5 k21 990 0.15 5000 eeveb2e680m (4) 75 350 3.3 10 13.5 g13 38 0.20 3000 eeveb2v3r3q (4) 250 4.7 10 16.5 g17 50 0.20 4000 eeveb2v4r7q (4) 200 10 16 16.5 j16 270 0.20 5000 eeveb2v100sm (4) 125 22 18 16.5 k16 350 0.20 5000 EEVEB2V220SM (4) 125 33 16 21.5 j21 480 0.20 5000 eeveb2v330m (4) 75 47 18 21.5 k21 670 0.20 5000 eeveb2v470m (4) 75 400 3.3 10 13.5 g13 40 0.24 3000 eeveb2g3r3q (4) 250 4.7 10 16.5 g17 50 0.24 4000 eeveb2g4r7q (4) 200 10 16 16.5 j16 250 0.24 5000 eeveb2g100sm (4) 125 22 16 21.5 j21 410 0.24 5000 eeveb2g220m (4) 75 33 18 21.5 k21 600 0.24 5000 eeveb2g330m (4) 75 450 2.2 10 13.5 g13 29 0.24 3000 eeveb2w2r2q (4) 250 3.3 10 16.5 g17 41 0.24 4000 eeveb2w3r3q (4) 200 4.7 12.5 16.5 h16 49 0.24 5000 eeveb2w4r7sq (4) 150 10 18 16.5 k16 310 0.24 5000 eeveb2w100sm (4) 125 22 18 21.5 k21 560 0.24 5000 eeveb2w220m (4) 75 mar. 2016 02


▲Up To Search▲   

 
Price & Availability of EEVEB2V220SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X